PART |
Description |
Maker |
PSB21911-FV5.2 PSB21911-NV5.2 PSF21911-NV5.2 |
IEC-Q TE (ISDN Echocancellation Circu...
|
Infineon
|
M4T32-BR12SH M41ST85W M41ST85W_06 M41ST85WMH6 M41S |
3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
|
STMICROELECTRONICS[STMicroelectronics]
|
M41ST85WMH6E M41ST85WMH6F M41ST85WMX6E M41ST85WMX6 |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
|
STMicroelectronics
|
IMP813 IMP813L IMP705 IMP705C_D IMP705CPA IMP705CS |
LOW-POWER ?? SUPERVISOR CIRCUITS LOW-POWER レP SUPERVISOR CIRCUITS 低功耗レP监控电路 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight IC,POWER SUPPLY SUPERVISOR,CMOS,DIP,8PIN,PLASTIC LOW-POWER P SUPERVISOR CIRCUITS Low-power up Supervisor Circuit Low-Powerr uP Superrviissorr Ciirrccuiittss LOW-POWER μP SUPERVISOR CIRCUITS
|
IMP INC. IMP Inc IMP[IMP, Inc] A1 PROs co., Ltd.
|
X4045S8I X4045S8 X4045P8I X4045P8 X4045M8I X4045M8 |
RTC Module With CPU Supervisor 时钟模块CPU监控 CPU Supervisor with 4Kbit EEPROM
|
Intersil, Corp. Xicor Inc.
|
TC32M TC32MCDB TC32MEZB TC32MCZB TC32MEDB TC32MEDB |
The TC32M is a fully-integrated processor supervisor in a 3-pin package. It provides three important functions to safeguard processor sanity: precision power on/off RESET control, watchdog timer and external RESET override. On power-up, th The TC32M is a fully-integrated processor supervisor in a 3-pin package. It provides three important functions to safeguard processor ... ECONOMONITOR? 3-Pin System Supervisor with Power Supply Monitor and Watchdog ECONOMONITOR. 3-Pin System Supervisor with Power Supply Monitor and Watchdog ECONOMONITOR⑩. 3-Pin System Supervisor with Power Supply Monitor and Watchdog CONNECTOR ACCESSORY
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
FM1233E FM1233EC FM1233ED |
3-Pin C Supervisor Circuit From old datasheet system 3-Pin µC Supervisor Circuit
|
Fairchild Semiconductor
|
EP8203-HL EP8200-HL EP8214-HL EP8209-HL EPA073HL-3 |
CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 14-TSSOP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC Tapped Delay Line Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC CPU Supervisor with 4k SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 4k SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP RTC Module With CPU Supervisor 时钟模块CPU监控
|
3M Company
|
ASM708EPA ASM708ESA ASM813L ASM813LCPA ASM813LCSA |
4.4 V, low power mP supervisor circuit 4.65 V, low power mP supervisor circuit Low Power UP Supervisor Circuits
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation]
|
IMP813LCPA IMP706CUA |
POWER SUPPLY SUPERVISOR,CMOS,DIP,8PIN,PLASTIC POWER SUPPLY SUPERVISOR,CMOS,TSSOP,8PIN,PLASTIC From old datasheet system
|
International Microelectronic Products
|
CM3404 CM3404-40ST |
Micropower Voltage Supply Supervisor (SVS) From old datasheet system MICROPOWER SUPPLY VOLTAGE SUPERVISOR (SVS)
|
California Micro Devices Corp
|
ADM693A ADM691A ADM693AARN ADM693AAN ADM693AARW AD |
P Supervisor , Adjustable Reset and Watchdog Periods P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, 250mA Output Current P Supervisor with Backup Battery Switchover, Adjustable Reset and Watchdog Periods, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Battery Backup and Low Vcc Status O/Ps and 250mA Output Current P Supervisor with Backup Battery Switchover, 50 ms Nominal Adjustable Reset Period, Adjustable Watchdog Period, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Backup Battery and Low Vcc Status O/Ps and 100mA Output Current Microprocessor Supervisory Circuits
|
Analog Devices http://
|